PART |
Description |
Maker |
MAX1154BEUET MAX6662MSA-T MAX6662MSAT MAX6517UKP07 |
Stand-Alone, 10-Channel, 10-Bit System Monitors with Internal Temperature Sensor and VDD Monitor 12-Bit Sign Temperature Sensor with SPI-Compatible Serial Interface DIGITAL TEMP SENSOR-SERIAL, 12BIT(s), 2.50Cel, RECTANGULAR, SURFACE MOUNT DIGITAL TEMP SENSOR-SINGLE TRIP POINT, 1.50Cel, RECTANGULAR, SURFACE MOUNT SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
AD7416-7418 EVAL-AD7416EB AD7417BR-REEL7 AD7417ARU |
Temperature Sensor: Single-Channel, 10-Bit ADC with On-Chip Temperature to Digital Converter, I<SUP>2</SUP>C, ±1°C Accuracy Temperature Sensor: 4-Channel, 10-Bit ADC with on-Chip Temperature to Digital Converter, I2C, ±1°C Accuracy 10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418) 4-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418) 10位数字温度传感器(I2C接口芯片AD7416)和四通道ADC(AD7417/AD7418 10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418)
|
Analog Devices, Inc. http://
|
AD7416ARMZ-REEL AD7416ARMZ-REEL7 AD7418ARZ-REEL7 A |
DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 3Cel, SQUARE, SURFACE MOUNT LEAD FREE, SOIC-8 PIN Temperature Sensor: Single-Channel, 10-Bit ADC with On-Chip Temperature to Digital Converter, I2C, ±1°C Accuracy 1-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 Temperature Sensor: 4-Channel, 10-Bit ADC with on-Chip Temperature to Digital Converter, I2C, ±1°C Accuracy 4-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs 10-Bit Digital Temperature Sensor
|
Analog Devices, Inc.
|
EMC1023 EMC1023-2-ACZL-TR EMC1023-1-ACZL-TR EMC102 |
DIGITAL TEMP SENSOR-SERIAL, 11BIT(s), 3Cel, SQUARE, SURFACE MOUNT 3 X 3 MM, 0.65 MM PITCH, MSOP-8 1°C Triple Temperature Sensor with Resistance Error Correction 1∑C Triple Temperature Sensor with Resistance Error Correction 1?? Triple Temperature Sensor with Resistance Error Correction
|
SMSC, Corp. SMSC[SMSC Corporation]
|
TCN75 TC74 TC77 |
The TCN75 is a serially programmable temperature sensor that notifies the host controller when ambient temperature exceeds a user-programmed setpoint. Hysteresis is also programmable. The INT/CMPTR output is programmable as either a simple The TC74 is a serially accessible digital temperature sensor particularly suited for low cost and small form-factor applications. Temperature data is converted from the on-board thermal sensing element and made available as an 8-bit digita The TC77 is a serially accessible digital temperature sensor particularly suited for low cost and small form-factor applications. Temperature data is converted from the on-board thermal sensing element and made available at anytime as a 13
|
Microchip
|
AD7417ARUZ |
Temperature Sensor: 4-Channel 10-Bit ADC with on-Chip Temperature to Digital Converter I
|
Analog Devices
|
EMC104307 EMC1043-4-ACZL-TR EMC1043-5-ACZL-TR EMC1 |
1C Triple Temperature Sensor with Beta Compensation and Hotter of Two Zones DIGITAL TEMP SENSOR-SERIAL, 11BIT(s), 3Cel, SQUARE, SURFACE MOUNT 1C Triple Temperature Sensor with Beta Compensation and Hotter of Two Zones 集成电路三温度传感器Beta补偿和双区域Hotter
|
SMSC Corporation SMSC, Corp. STANDARD MICROSYSTEMS CORP
|
ADT7420 ADT7420UCPZ ADT7420UCPZ-R2 ADT7420UCPZ-RL7 |
±0.25°C Accurate, 16-Bit Digital I2C Temperature Sensor 隆戮0.25隆?C Accurate, 16-Bit Digital I2C Temperature Sensor
|
Analog Devices
|
AD7416AR-REEL7 |
Temperature Sensor: Temperature to Digital Converter I
|
Analog Devices
|
TC650ACUA TC650ACV TC650ADUA TC651CGV TC650_04 TC6 |
DIGITAL TEMP SENSOR-SINGLE TRIP POINT, 1Cel, SQUARE, SURFACE MOUNT Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
|
STMICROELECTRONICS[STMicroelectronics] http://
|
LM75DM-33R2 LM75DM-50R2 ON0319 LM75 |
2-Wire Serial Temperature Sensor and Monitor DIGITAL TEMP SENSOR-SERIAL, 9BIT(s), 3Cel, SQUARE, SURFACE MOUNT From old datasheet system
|
ONSEMI[ON Semiconductor]
|
MCP9844 |
±1°C Accurate, 1.8V Digital Temperature Sensor
|
Microchip Technology
|